Electronic Components Datasheet Search
  English  ▼

X  

DAN401 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DAN401
Description  Small Signal Diode Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DAN401 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DAN401 Datasheet HTML 1Page - Diotec Semiconductor DAN401 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DAN401 / DAP401 (200 mW)
DAN401 / DAP401 (200 mW)
Small Signal Diode Arrays
Diodensätze mit Allzweckdioden
Version 2008-04-15
Dimensions - Maße [mm]
Nominal power dissipation
Nenn-Verlustleistung
200 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
80 V
5-pin Plastic case
5-Pin Kunststoffgehäuse
13 x 3.5 x 6.6 [mm]
Weight approx. – Gewicht ca.
0.7 g
Standard packaging bulk
Standard Lieferform lose im Karton
“DAN” common cathodes / gemeinsame Kathoden
“DAP” common anodes / gemeinsame Anoden
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
DAN401
80
80
DAP401
80
80
Max. average forward rectified current, R-load
for one diode operation only
for simultaneous operation
TA = 25°C
IFAV
IFAV
100 mA 2)
50 mA 2)
Dauergrenzstrom in Einwegschaltung mit R-Last
für eine einzelne Diode
bei gleichzeitigem Betrieb beider Dioden
TA = 25°C
IFAV
IFAV
100 mA 2)
50 mA 2)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
500 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Per diode – Pro Diode
2
Valid, if leads are kept at ambient temperature at a distance of 3 mm from case
Gültig, wenn die Anschlussdrähte in 3 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 0.5
4 x 2.54
3.5
Type
Typ
3.5
±0.2
13±0.2
5
4
3
2
1
5
4
3
2
1


Similar Part No. - DAN401

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN401 DIOTEC-DAN401 Datasheet
132Kb / 2P
Small Signal Diode Arrays
logo
New Jersey Semi-Conduct...
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
SIP NETWORKS
DAN401 NJSEMI-DAN401 Datasheet
418Kb / 1P
SIP NETWORKS
DAN401 NJSEMI-DAN401 Datasheet
446Kb / 1P
DAN & DAP Networks
More results

Similar Description - DAN401

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN401 DIOTEC-DAN401 Datasheet
132Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403 Datasheet
144Kb / 2P
Small Signal Diode Arrays
DAN601 DIOTEC-DAN601 Datasheet
135Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801 Datasheet
138Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803 Datasheet
137Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803_08 Datasheet
120Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403_08 Datasheet
126Kb / 2P
Small Signal Diode Arrays
DAN601 DIOTEC-DAN601_08 Datasheet
122Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801_08 Datasheet
111Kb / 2P
Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_18 Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com