Electronic Components Datasheet Search
  English  ▼

X  

S216SE2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S216SE2
Description  SIP Type SSR for Medium Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S216SE2 Datasheet(HTML) 2 Page - Sharp Corporation

  S216SE2 Datasheet HTML 1Page - Sharp Corporation S216SE2 Datasheet HTML 2Page - Sharp Corporation S216SE2 Datasheet HTML 3Page - Sharp Corporation S216SE2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electrical Characteristics
(Ta = 25˚C )
S202SE1/S202SE2/S216SE1/S216SE2
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =3V
-
-
10 -4
A
Output
Repetitive peak OFF-state current
I DRM
V D =V DRM
--
10 -4
A
ON-state voltage
S202SE1 / S202SE2
V T
IT =2A rms
-
-
1.5
V rms
IT = 16A rms
-
-
1.5
S216SE1 / S216SE2
Holding current
IH
--
-
50
mA
Critical rate of rise of OFF-state voltage
V D = 2/3V DRM
30
-
-
V/
µ s
Critical rate of rise of commutating OFF-state voltage
5-
-
V/
µ s
Zero-cross voltage
S202SE2 / S216SE2
V OX
IF = 8mA
-
-
35
V
Transfer
charac-
teristics
Minimum trigger
current
S202SE1 / S216SE1
I FT
V D = 12V, R L =30
Ω
--
8
mA
V D = 6V, R L =30
Ω
--
8
S202SE2 / S216SE2
Isolation resistance
R ISO
1010
--
Ω
Turn-on time
S202SE1 / S216SE1
t on
AC60Hz
--
1
ms
-
-
9.3
S202SE2 / S216SE2
Turn-off time
t off
AC60Hz
-
-
9.3
ms
Thermal resistance
( Between junction and case)
S202SE1 / S202SE2
R th(j- c)
-
4.5
-
˚C/W
-
3.3
-
S216SE1 / S216SE2
Thermal resistance
(Between junction and ambience )
R th(j- a)
-
40
-
˚C/W
*6 dIT /dt = - 4.0A/ms (S202SE1 / S202SE2 )
dIT /dt = - 8.0A/ms (S216SE1 / S216SE2 )
- 20
0
20
40
60
80
100
120
140
0
1
2
3
4
-20
60
20
0
0
40
80
100
140
120
2
1
3
4
-
-
Fig.1-a RMS ON-state Current vs. Ambient
Temperature
(S202SE1 / S202SE2 )
(S216SE1 / S216SE2 )
Fig.1-b RMS ON-state Current vs.
Ambient Temperature
Tj = 125˚C, VD = 400V *6
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
dV/dt
( dV/dt )c
DC500V, 40 to 60 % RH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com