Electronic Components Datasheet Search
  English  ▼

X  

CO4530 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CO4530
Description  Electret Condenser Microphone (ECM)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CO4530 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CO4530 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd. CO4530 Datasheet HTML 2Page - Canopus Electronics (H.K.) Ltd. CO4530 Datasheet HTML 3Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electret
Condenser Microphone (ECM)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
3,4mm Series
6 mm Series
9 mm Series


Similar Part No. - CO4530

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO4558 CERAMATE-CO4558 Datasheet
360Kb / 5P
Dual Operational Amplifier
CO4558A CERAMATE-CO4558A Datasheet
360Kb / 5P
Dual Operational Amplifier
CO4558L CERAMATE-CO4558L Datasheet
740Kb / 10P
Dual Operational Lowpower Amplifier for Audio
CO4558N CERAMATE-CO4558N Datasheet
360Kb / 5P
Dual Operational Amplifier
CO4580 CERAMATE-CO4580 Datasheet
957Kb / 6P
Dual Operational Amplifier
More results

Similar Description - CO4530

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM6027S SOBERTON-EM6027S Datasheet
399Kb / 5P
Electret Condenser Microphone
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com