Electronic Components Datasheet Search
  English  ▼

X  

S21ME3 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S21ME3
Description  European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME3 Datasheet(HTML) 3 Page - Sharp Corporation

  S21ME3 Datasheet HTML 1Page - Sharp Corporation S21ME3 Datasheet HTML 2Page - Sharp Corporation S21ME3 Datasheet HTML 3Page - Sharp Corporation S21ME3 Datasheet HTML 4Page - Sharp Corporation S21ME3 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S21ME Series
- 30
0
20406080
100
0
0.05
0.10
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
- 30
0
25
50
75
100
125
0
10
20
30
40
50
60
70
Fig. 2 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
1
0.9
2
5
10
20
50
100
1.0
1.1
1.2
1.3
1.4
1.5
0˚C
- 25˚C
50˚C
25˚C
T a = 75˚C
Fig. 3 Forward Current vs. Forward Voltage
- 30
0
20406080
100
0
2
4
6
8
10
12
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
- 30
0
20406080
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
S21ME3/3F
S21ME4/4F
Fig. 5 Relative Repetitive Peak OFF-state
Ambient temperature T a (˚C)
- 30
0
20406080
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Ambient Temperature
Ambient temperature T a (˚C)
F ( V )
Forward voltage V
Voltage vs. Ambient Temperature
Fig. 6 ON-state Voltage vs.
Ω
S21ME3/3F
S21ME4/4F
S21ME4/4F
S21ME3/3F
IT = 100mA
V D =6V
RL = 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com