Electronic Components Datasheet Search
  English  ▼

X  

HV3 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # HV3
Description  Fast Switching High Voltage Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

HV3 Datasheet(HTML) 1 Page - Diotec Semiconductor

  HV3 Datasheet HTML 1Page - Diotec Semiconductor HV3 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV3 ... HV6
HV3 ... HV6
Fast Switching High Voltage Silicon Rectifier Diodes
Schnelle Silizium-Hochspannungs-Gleichrichterdioden
Version 2008-04-09
HV3
HV5, HV6
Dimensions - Maße [mm]
Nominal current
Nennstrom
200 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
3000...6000 V
Plastic case
HV3
Kunststoffgehäuse
HV5, HV6
DO-41
DO-15
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
HV3
3000
3000
HV5
5000
5000
HV6
6000
6000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
200 mA 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
5 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
27/30 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
3.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 0.8
±0.05
Ø 3+0.5
Ø 0.8±0.05
Ø 2.6
-0.1


Similar Part No. - HV3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
HV3 DIOTEC-HV3 Datasheet
22Kb / 1P
High Voltage Si-Rectifiers
HV3 DIOTEC-HV3 Datasheet
98Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV3 DIOTEC-HV3 Datasheet
98Kb / 2P
Fast Switching High Voltage Silicon Rectifier Diodes
HV3 DIOTEC-HV3 Datasheet
138Kb / 2P
Fast Recovery High Voltage Rectifier Diodes
logo
Intersil Corporation
HV3-2405E-5 INTERSIL-HV3-2405E-5 Datasheet
699Kb / 16P
World-WideSingle Chip Power Supply
September 1998
More results

Similar Description - HV3

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
3W2 EDI-3W2 Datasheet
75Kb / 2P
HIGH VOLTAGE, HIGH CURRENT, FAST RECOVERY SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
HV3 DIOTEC-HV3_14 Datasheet
98Kb / 2P
Fast Switching High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
GH3A-08K GETEDZ-GH3A-08K Datasheet
540Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diodes
GH3A-10K GETEDZ-GH3A-10K Datasheet
541Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diodes
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U08J GETEDZ-GH05U08J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U12J GETEDZ-GH05U12J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U15J GETEDZ-GH05U15J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com