Electronic Components Datasheet Search
  English  ▼

X  

S22MD2 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S22MD2
Description  Photothyristor Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S22MD2 Datasheet(HTML) 1 Page - Sharp Corporation

  S22MD2 Datasheet HTML 1Page - Sharp Corporation S22MD2 Datasheet HTML 2Page - Sharp Corporation S22MD2 Datasheet HTML 3Page - Sharp Corporation S22MD2 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S22MD2
S22MD2
Photothyristor Coupler
s Features
s Absolute Maximum Ratings
( Ta = 25˚C)
∗1 50Hz, sine wave
∗2 RG = 20kΩ
∗4 For 10 seconds
s Outline Dimensions
( Unit : mm)
( VDRM : MIN. 600V )
3. Low trigger current ( IFT : MAX. 8mA
at RG = 20k
Ω )
4. High isolation voltage between input and
5.08mm
of photothyristor on the output side :
1. ON-OFF operation for a low power load
2. For triggering high power thyristor and
triac
output ( Viso
* S22MD2 is for 200V line.
Symbol
Rating
Unit
IF
50
mA
VR
6V
IT
200
I surge
2A
VDRM
600
V
VRRM
600
V
Viso
T opr
- 30 to + 100
˚C
T stg
- 40 to + 125
˚C
T sol
260
˚C
S22MD2
Anode mark
Internal connection
diagram
θ
14 NC
2
Anode
3
Cathode
5 Gate
6 Cathode
7 Anode
1
2
34
5
6
7
1234
5
6
7
Parameter
Input
Forward current
Reverse voltage
Output
RMS ON-state current
∗1Peak one cycle surge current
∗2Repetitive peak OFF-state voltage
∗2
∗3Isolation voltage
Operating temperature
Storage temperature
∗4Soldering temperature
1. Long distance between anode and cathode
2. High repetitive peak OFF-state voltage
Repetitive peak reverse voltage
5 000
∗3 40 to 60% RH, AC for 1 minute
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
: 5 000Vrms )
Vrms
mArms
θ : 0 to 13˚
5.08±0.25
2.54±0.25
0.85±0.2
1.2±0.3
0.8±0.2
9.22±0.5
0.5±0.1
0.26±0.1
7.62±0.3
s Applications


Similar Part No. - S22MD2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S22MD1V SHARP-S22MD1V Datasheet
72Kb / 5P
Photothyristor Coupler
S22MD3 SHARP-S22MD3 Datasheet
72Kb / 5P
Photothyristor Coupler
More results

Similar Description - S22MD2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3046 NTE-NTE3046 Datasheet
21Kb / 2P
Optoisolator SCR Photothyristor Output
logo
Sharp Corporation
S12MD1V SHARP-S12MD1V Datasheet
77Kb / 5P
Photothyristor Coupler
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S22MD1V SHARP-S22MD1V Datasheet
72Kb / 5P
Photothyristor Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
Coupler
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
Coupler
07.13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com