Electronic Components Datasheet Search
  English  ▼

X  

SM3503 Datasheet(PDF) 2 Page - Sharp Corporation

Part # SM3503
Description  4-Bit Single-Chip Microcomputer(For Data Bank Use)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3503 Datasheet(HTML) 2 Page - Sharp Corporation

  SM3503 Datasheet HTML 1Page - Sharp Corporation SM3503 Datasheet HTML 2Page - Sharp Corporation SM3503 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM3503
- 2 -
SYSTEM COMFIGURATION EXAMPLE
APPLICATION EXAMPLE
Common signal
Segment signal
Key matrix
S1-S6
S53-S60
(MAX. 84-key)
S1-S60
KI2-KI7
XCR
ON
Key
RESET
Key
KI1
VCC TEST
RESET
XI
XO BZ
H1-H8
VCC
3V
Buzzer
VCC
SM3503
+
–
LCD Control : 60 x 8 - dot
KEY : MAX. 85 - key
SM3503
5 x 5 - dot matrix : 1
8 - segment
: 1
AB
7
CD
8
EF
9
GH
4
IJ
5
KL
6
123456
QW
E
R
T
Y
A
7
B
8
C
9
D
÷
E
>
F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com