Electronic Components Datasheet Search
  English  ▼

X  

MMFTN123 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMFTN123
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTN123 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMFTN123 Datasheet HTML 1Page - Diotec Semiconductor MMFTN123 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMFTN123
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
ID = 250 µA
V(BR)DSS
100 V
Drain-Source leakage current – Drain-Source-Leckstrom
VDS = 100 V
VDS = 20 V
IDSS
1 µA
10 nA
Gate-Source leakage current – Gate-Source-Leckstrom
VGS = ± 20 V
IGSS
± 50 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VDS, ID = 1 mA
VGS(th)
0.8 V
2 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V, ID = 170 mA
VGS = 4.5 V, ID = 170 mA
RDS(on)
RDS(on)
6 Ω
10 Ω
Input Capacitance – Eingangskapazität
VDS = 25 V, f = 1 MHz
Ciss
73 pF
Output Capacitance – Ausgangskapazität
VDS = 10 V, f = 1 MHz
Coss
7 pF
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 10 V, f = 1 MHz
Crss
3.4 pF
Turn-On Delay Time – Einschaltverzögerung
VDD = 30 V, ID = 280 mA, VGS = 10 V, RG = 6 Ω
td(on)
3.4 ns
Turn-On Rise Time – Anstiegszeit
VDD = 30 V, ID = 280 mA, VGS = 10 V, RG = 6 Ω
tr
18 ns
Turn-Off Delay Time – Ausschaltverzögerung
VDD = 30 V, ID = 280 mA, VGS = 10 V, RG = 6 Ω
td(off)
31 ns
Turn-Off Fall Time – Abfallzeit
VDD = 30 V, ID = 280 mA, VGS = 10 V, RG = 6 Ω
tf
5 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 500 K/W 1)
1
Device mounted on standard PCB material
Bauteil montiert auf Standard-Leiterplattenmaterial
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com