Electronic Components Datasheet Search
  English  ▼

X  

MMFTN170 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMFTN170
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTN170 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMFTN170 Datasheet HTML 1Page - Diotec Semiconductor MMFTN170 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMFTN170
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
ID = 100 µA
V(BR)DSS
60 V
Drain-Source leakage current – Drain-Source Leckstrom
G short
VDS = 25 V
IDSS
0.5 µA
Gate-Body leakage current – Gate-Substrat Leckstrom
VGS = 15 V
IGSS
10 nA
Gate-Source threshold voltage – Gate-Source Schwellspannung
VGS = VDS, ID = 1 mA
VGS(th)
0.8 V
3 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V, ID = 200 mA
RDS(on)
5 Ω
Forward Transconductance – Übertragungssteilheit
VDS > 2 VDS(on), ID = 200 mA
gFS
320 mS
Input Capacitance – Eingangskapazität
VDS = 10 V, f = 1 MHz
Ciss
40 pF
Output Capacitance – Ausgangskapazität
VDS = 10 V, f = 1 MHz
Coss
30 pF
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 10 V, f = 1 MHz
Crss
10 pF
Turn-On Time – Einschaltzeit
VDD = 25 V, ID = 500 mA, VGS = 10 V, RG = 50 Ω
td(on)
10 ns
Turn-Off Delay Time – Ausschaltverzögerung
VDD = 25 V, ID = 500 mA, VGS = 10 V, RG = 50 Ω
td(off)
10 ns
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com