Electronic Components Datasheet Search
  English  ▼

X  

MPSA44 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MPSA44
Description  High voltage Si-epitaxial planar transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MPSA44 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MPSA44 Datasheet HTML 1Page - Diotec Semiconductor MPSA44 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPSA44
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Base saturation voltage – Basis-Sättigungsspannung 1)
IC = 10 mA, IB = 1 mA
VBEsat
–
–
750 mV
DC current gain – Kollektor-Basis-Stromverhältnis
VCE = 10 V, IC = 1 mA
VCE = 10 V, IC = 10 mA
VCE = 10 V, IC = 50 mA
VCE = 10 V, IC = 100 mA
hFE
hFE
hFE
hFE
40
50
45
40
–
200
–
–
–
–
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 20 V, IE = ie = 0, f = 1 MHz
MPSA44
CCB0
–
–
7pF
Thermal resistance junction – ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
MPSA94
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Valid, if leads are kept at ambient temperature at a distance of 2 mm from the case
Gültig, wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com