Electronic Components Datasheet Search
  English  ▼

X  

CPT1708 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPT1708
Description  External Drive Piezo Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPT1708 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPT1708 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
External Drive
Piezo Transducer (AC)
CPT1709
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPT1708
CPT2007
CPT1708C40TP
85 AT 10cm 3 Vp-p
30 Vrms
4000
14000
30% at 1000Hz
±
-20 ~ +60
PBT
2
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT1709G20NP
78 AT 10cm 9 Vp-p
25 Vrms
2000
25000
30% at 1000Hz
±
-20 ~ +60
Noryl
1
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT2007G22TPA 80 AT 10cm 9 Vp-p
30 Vrms
2200
22000
30% at 1000Hz
±
-30 ~ +80
PBT
2
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)


Similar Part No. - CPT1708

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPT1707 CANOPUS-CPT1707 Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1707C20BW CANOPUS-CPT1707C20BW Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1707C28BW CANOPUS-CPT1707C28BW Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1707G40TP CANOPUS-CPT1707G40TP Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
More results

Similar Description - CPT1708

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPT0908 CANOPUS-CPT0908 Datasheet
627Kb / 1P
External Drive Piezo Transducer (AC)
CPT1208 CANOPUS-CPT1208 Datasheet
635Kb / 1P
External Drive Piezo Transducer (AC)
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
External Drive Piezo Transducer (AC)
CPT1406 CANOPUS-CPT1406 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
CPT1604 CANOPUS-CPT1604 Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT2211 CANOPUS-CPT2211 Datasheet
732Kb / 1P
External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
External Drive Piezo Transducer (AC)
CPT3914 CANOPUS-CPT3914 Datasheet
854Kb / 1P
External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com