Electronic Components Datasheet Search
  English  ▼

X  

HMC144LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC144LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC144LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC144LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 32
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = +20 dBm
Input IP3 vs.
Temperature @ LO = +20 dBm*
Harmonics of LO
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input IP2 vs. LO Drive *
MxN Spurious @ IF Port
nLO
mRF
0
1234
0XX0
5
37
N/A
170
49
42
54
247
66
44
56
57
3
>95
>95
>95
58
77
4
N/A
>95
>95
>95
>95
RF = 12 GHz @ -10 dBm
LO = 12.1 GHz @ 20 dBm
All values in dBc relative to the IF power level.
Measured as downconverter.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
925
18
46
53
10.5
25
20
52
66
12
27
24
47
63
13.5
27
33
61
N/A
15
27
47
67
N/A
16.5
24
52
63
N/A
LO = +20 dBm
All values in dBc below input LO level @ RF port.
0
5
10
15
20
25
30
35
5
7
9
11
13
15
17
19
21
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
LO = +13 dBm
LO =+15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
5
10
15
20
25
5
8
11
14
17
20
+25C
+85C
-40C
FREQUENCY (GHz)
HMC144LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v02.1208



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com