Electronic Components Datasheet Search
  English  ▼

X  

SM3513 Datasheet(PDF) 1 Page - Sharp Corporation

Part # SM3513
Description  4-Bit Single-Chip Microcomputer(For Data Bank Use)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3513 Datasheet(HTML) 1 Page - Sharp Corporation

  SM3513 Datasheet HTML 1Page - Sharp Corporation SM3513 Datasheet HTML 2Page - Sharp Corporation SM3513 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
SM3513
DESCRIPTION
The SM3513 is a CMOS 4-bit single-chip micro-
computer for databank incorporating data memory
RAM, LCD driver (the output is adjustable in 16
steps for various contrast), key/switch input circuit,
8-bit parallel I/O port, 3 output ports, external mem-
ory control circuit, buzzer circuit and voltage detec-
tor circuit. One of three ports contains special out-
put circuit for infrared (IR) communication. It is easy
to realize timer function by timer signal interrupt
since the oscillator circuit is built-in.
FEATURES
• ROM capacity :
Program ROM
24 k x 23 bits
Character ROM
6 x 8 x 256 bits
Constant ROM
1 k x 4 bits
• RAM capacity :
Working RAM
256 x 4 bits
Display RAM
74 x 32 bits
Data RAM
512 x 8 bits
• Memory expansion (external) : 16 M x 8 bits x 4
• Buil-in battery detector
• LCD display : 74-segment x 32-common
• I/O ports :
Parallel I/O
8 bits
Input
2 bits
Output
3 bits
Buzzer output
1 bit (4 kHz)
Key input
6 bits
• Standby release : 2 events (Timer signal, key input)
• LCD contrast adjustable : 16 levels
• Built-in oscillator :
• Instruction cycle time : 3 µs
• Operating temperature : –10 to +60°C
• Supply voltage : 3.8 to 6.0 V
• Package : 160-pin QFP (QFP160-P-2828)
[Test Sample only]
SM3513
4-Bit Single-Chip Microcomputer
(For Data Bank Use)
System clock (built-in CR oscillator)
1 MHz
(external ceramic resonator)
1 MHz
Timer (built-in CR oscillator)
32.8 kHz
(external crystal)
32.768 kHz


Similar Part No. - SM3513

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM3510 FAIRVIEW-SM3510 Datasheet
710Kb / 4P
SM3510 DATA SHEET N Male to BNC Female Adapter
REV 2.1
logo
Sharp Corporation
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
logo
Infinite Electronics In...
SM3511 FAIRVIEW-SM3511 Datasheet
508Kb / 3P
SM3511 DATA SHEET N Male to BNC Female Adapter
REV 2.1
logo
Sharp Corporation
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results

Similar Description - SM3513

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com