Electronic Components Datasheet Search
  English  ▼

X  

S1B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S1B
Description  Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S1B Datasheet(HTML) 1 Page - Diotec Semiconductor

  S1B Datasheet HTML 1Page - Diotec Semiconductor S1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1A ... S1Y
S1A ... S1Y
Surface Mount Silicon Rectifier Diodes
Silizium-Gleichrichterdioden für die Oberflächenmontage
Version 2011-05-31
Dimensions - Maße [mm]
Nominal current – Nennstrom
1 A
Plastic case
Kunststoffgehäuse
~ SMA
~ DO-214AC
Weight approx. – Gewicht ca.
0.07 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics 1)
Grenz- und Kennwerte 1)
Type
Typ
(Repetitive) Peak reverse voltage
(Periodische-)Spitzensperrspannung
Forward voltage
Durchlass-Spannung
Leakage current – Sperrstrom
Tj = 100°C
VRRM [V] / VRSM [V]
VF [V] @ IF = 1A
IR [µA] @ VRRM
IR [µA] @ VRRM
S1A
50
< 1.1
< 5
< 50
S1B
100
< 1.1
< 5
< 50
S1D
200
< 1.1
< 5
< 50
S1G
400
< 1.1
< 5
< 50
S1J
600
< 1.1
< 5
< 50
S1K
800
< 1.1
< 5
< 50
S1M
1000
< 1.1
< 5
< 50
S1T
1300
< 1.1
< 5
< 50
S1W
1600
< 1.1
< 5
< 50
S1X
1800
< 1.1
< 5
< 50
S1Y
2000
< 1.1
< 5
< 50
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current – Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/32 A
Rating for fusing, t < 10 ms – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Typical junction capacitance – Typische Sperrschichtkapzität
VR = 4 V
Cj
typ. 12 pF
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction-ambient − Wärmewiderstand Sperrschicht-Umgebung
Thermal resistance junction-terminal − Wärmewiderstand Sperrschicht-Anschluss
RthA
RthT
< 70 K/W 2)
< 30 K/W
1
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5± 0.2


Similar Part No. - S1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1B PANJIT-S1B Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1B PHILIPS-S1B Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1B SURGE-S1B Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1B TRSYS-S1B Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1B JGD-S1B Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S1B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
Surface Mount Silicon Rectifier Diodes
S5A DIOTEC-S5A_13 Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
SL1A DIOTEC-SL1A_13 Datasheet
108Kb / 2P
Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
S1A SUNMATE-S1A Datasheet
383Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S1AB SUNMATE-S1AB Datasheet
330Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S2AB SUNMATE-S2AB Datasheet
328Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SA2A SUNMATE-SA2A Datasheet
323Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SOD4001 SUNMATE-SOD4001 Datasheet
322Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
M1-M7 SUNMATE-M1-M7 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com