Electronic Components Datasheet Search
  English  ▼

X  

S250F Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S250F
Description  "Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S250F Datasheet(HTML) 1 Page - Diotec Semiconductor

  S250F Datasheet HTML 1Page - Diotec Semiconductor S250F Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S40F ... S380F
S40F ... S380F
“Slim” Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
Schnelle Si-Brückengleichrichter für die Oberflächenmontage mit „schlanker“ Bauhöhe
Version 2010-08-09
Dimensions - Maße [mm]
Nominal current
Nennstrom
0.8 A
Alternating input voltage
Eingangswechselspannung
40...380 V
Plastic case slim profile 1.6mm 1)
Kunststoffgehäuse schlanke Bauhöhe 1.6mm 1)
TO-269AA
MiniDIL
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VRRM [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRSM [V] 2)
S40F
40
80
S80F
80
160
S125F
125
250
S250F
250
600
S380F
380
800
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55...+150°C
1
The “slim” profile device is introduced in 2010. During change-over phase, the former package height (2.4 instead of 1.5mm) might
be supplied.
Die „schlanke“ Bauform wird 2010 eingeführt. Während der Umstellungsphase kann auch die frühere Bauhöhe (2.4 statt 1.5mm)
zur Auslieferung kommen.
2
Valid per diode – Gültig pro Diode
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
6.5
+0.2
5.1
+0.2
Type
0.7
2.54
4.7±0.1
+
~
~


Similar Part No. - S250F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S250F DIOTEC-S250F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
S250F DIOTEC-S250F Datasheet
187Kb / 2P
SMD Single Phase Bridge Rectifier ??Fast Recovery
More results

Similar Description - S250F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S40F DIOTEC-S40F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_10 Datasheet
106Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
B40S15A DIOTEC-B40S15A Datasheet
102Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_11 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
124Kb / 2P
?쏶lim??Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_14 Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
B40S-SLIM DIOTEC-B40S-SLIM Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S_13 Datasheet
132Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_13 Datasheet
131Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com