Electronic Components Datasheet Search
  English  ▼

X  

DS1312 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1312
Description  Nonvolatile Controller with Lithium Battery Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1312 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1312 Datasheet HTML 1Page - Dallas Semiconductor DS1312 Datasheet HTML 2Page - Dallas Semiconductor DS1312 Datasheet HTML 3Page - Dallas Semiconductor DS1312 Datasheet HTML 4Page - Dallas Semiconductor DS1312 Datasheet HTML 5Page - Dallas Semiconductor DS1312 Datasheet HTML 6Page - Dallas Semiconductor DS1312 Datasheet HTML 7Page - Dallas Semiconductor DS1312 Datasheet HTML 8Page - Dallas Semiconductor DS1312 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1312
3 of 11
NOTE: The DS1312 cannot constantly monitor an attached battery because such monitoring would
drastically reduce the life of the battery. As a result, the DS1312 only tests the battery for one second out
of every 24 hours and does not monitor the battery in any way between tests. If a good battery (one that
has not been previously flagged with BW ) is removed between battery tests, the DS1312 may not
immediately sense the removal and may not activate BW until the next scheduled battery test. If a battery
is then reattached to the DS1312, the battery may not be tested until the next scheduled test.
NOTE: Battery monitoring is only a useful technique when testing can be done regularly over the entire
life of a lithium battery. Because the DS1312 only performs battery monitoring when VCC is nominal,
systems which are powered-down for excessively long periods can completely drain their lithium cells
without receiving any advanced warning. To prevent such an occurrence, systems using the DS1312
battery monitoring feature should be powered–up periodically (at least once every few months) in order
to perform battery testing. Furthermore, anytime BW is activated on the first battery test after a power-up,
data integrity should be checked via checksum or other technique.
POWER MONITORING
DS1312S and DS1312E varieties have an additional reset pin. These varieties detect out-of-tolerance
power supply conditions and warn a processor-based system of impending power failure. When VCCI falls
below the trip point level defined by the TOL pin (VCCTP), the VCCI comparator activates the reset signal
RST
. Reset occurs in the range of 4.75 to 4.5 volts (5% tolerance) when the TOL pin is connected to
GND or in the range of 4.5 to 4.25 volts (10% tolerance) when TOL is connected to VCCO.
RST
also serves as a power-on reset during power-up. After VCCI exceeds VCCTP, RST will be held active
for 200 ms nominal (tRPU). This reset period is sufficiently long to prevent system operation during
power-on transients and to allow tREC to expire. RST has an open-drain output driver.
FRESHNESS SEAL MODE
When the battery is first attached to the DS1312 without VCC power applied, the device does not
immediately provide battery-backup power on VCCO. Only after VCCI exceeds VCCTP will the DS1312
leave Freshness Seal Mode. This mode allows a battery to be attached during manufacturing but not used
until after the system has been activated for the first time. As a result, no battery energy is drained during
storage and shipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com