Electronic Components Datasheet Search
  English  ▼

X  

SD101AW Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SD101AW
Description  Surface Mount Si-Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SD101AW Datasheet(HTML) 1 Page - Diotec Semiconductor

  SD101AW Datasheet HTML 1Page - Diotec Semiconductor SD101AW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD101AW ... SD101CW
SD101AW ... SD101CW
Surface Mount Si-Schottky Diodes
Si-Schottky-Dioden für die Oberflächenmontage
Version 2010-11-30
Dimensions - Maße [mm]
Nominal current
Nennstrom
15 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
40...60 V
Plastic case – Kunststoffgehäuse
SOD-123
Weight approx. – Gewicht ca.
0.01g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Forward voltage
Durchlass-Spannung
VF [V] / IF = 1 mA
VF [V] / IF = 15 mA
SD101CW
40
< 0.39
< 0.9
SD101BW
50
< 0.4
< 0.95
SD101AW
60
< 0.41
< 1
Power dissipation
Verlustleistung
TA = 25°C
Ptot
400 mW 1)
Peak forward surge current, 10 µs square pulse
Stoßstrom für einen 10 µs Rechteckimpuls
TA = 25°C
IFSM
2 A
Leakage current, Tj = 25°C
Sperrstrom, Tj = 25°C
SD101CW
SD101BW
SD101AW
VR = 30 V
VR = 40 V
VR = 50 V
IR
IR
IR
< 200 nA
< 200 nA
< 200 nA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Cj
2.2 pF
Reverse recovery time – Sperrverzug
IF = 5 mA through/über IR = 5 mA to IR = 0.5 mA
trr
typ. 1 ns
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Thermal Resistance Junction – Ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
<300 K/W 1)
1
Valid, if terminals are kept at ambient temperature
Gültig, wenn die Anschlüsse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.6
3.8
2.7
0.1
Type
Code


Similar Part No. - SD101AW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
70Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
General Semiconductor
SD101AW GE-SD101AW Datasheet
104Kb / 3P
Schottky Diodes
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
Small Signal Schottky Diodes
16-Dec-05
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
logo
Won-Top Electronics
SD101AW WTE-SD101AW Datasheet
47Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SD101AW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
BR100-03LLD DIOTEC-BR100-03LLD Datasheet
96Kb / 2P
Surface Mount Bidirectional Si-Trigger-Diodes
LL103A DIOTEC-LL103A_07 Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes Si-Schottky-Dioden fur die Oberflahenmontage
LL101A DIOTEC-LL101A_07 Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
LL101B DIOTEC-LL101B_10 Datasheet
87Kb / 1P
Surface Mount Si-Schottky Diodes
SD103AW DIOTEC-SD103AW Datasheet
102Kb / 2P
Surface Mount Si-Schottky Diodes
LL101B DIOTEC-LL101B_13 Datasheet
134Kb / 1P
Surface Mount Si-Schottky Diodes
LL103A DIOTEC-LL103A_13 Datasheet
136Kb / 1P
Surface Mount Si-Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com