Electronic Components Datasheet Search
  English  ▼

X  

ZMY10 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMY10
Description  Surface Mount Silicon-Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMY10 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMY10 Datasheet HTML 1Page - Diotec Semiconductor ZMY10 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMY3B9G ... ZMY9B1G (1.0 W), ZMY10 2% ... ZMY200 2% (1.3 W)
Maximum ratings and Characteristics
(TA = 25°C unless otherwise specified)
Grenz- und Kennwerte
(TA = 25°C wenn nicht anders spezifiziert)
Type
Typ3
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZMY3B9G
3.81
3.99
100
4 (<7)
–7…+2
> 0.7 / 100 µA
244
ZMY4B3G
4.20
4.40
100
4 (<7)
–7…+3
> 0.7 / 50 µA
217
ZMY4B7G
4.60
4.80
100
4 (<7)
–7…+4
> 0.7 / 10 µA
200
ZMY5B1G
4.99
5.21
100
2 (<5)
–6…+5
> 0.7 / 10 µA
185
ZMY5B6G
5.48
5.72
100
1 (<2)
–3…+5
> 0.5 / 3 µA
167
ZMY6B2G
6.07
6.33
100
1 (<2)
–1…+6
> 1.5 / 500 nA
152
ZMY6B8G
6.65
6.95
100
1 (<2)
0…+7
> 2 / 500 nA
139
ZMY7B5G
7.34
7.66
100
1 (<2)
0…+7
> 3 / 500 nA
127
ZMY8B2G
8.03
8.37
100
1 (<2)
+3…+8
> 6 / 500 nA
115
ZMY9B1G
8.91
9.29
50
2 (<4)
+3…+8
> 7 / 500 nA
104
ZMY10 2%
9.79
10.21
50
2 (<4)
+5…+9
> 5
123
ZMY11 2%
10.79
11.21
50
4 (<7)
+5…+10
> 5
112
ZMY12 2%
11.79
12.21
50
4 (<7)
+5…+10
> 7
102
ZMY13 2%
12.68
13.32
50
5 (<10)
+5…+10
> 7
92
ZMY15 2%
14.68
15.32
50
5 (<10)
+5…+10
> 10
83
ZMY16 2%
15.68
16.32
25
6 (<15)
+6…+11
> 10
76
ZMY18 2%
17.58
18.42
25
6 (<15)
+6…+11
> 10
68
ZMY20 2%
19.58
20.42
25
6 (<15)
+6…+11
> 10
61
ZMY22 2%
21.58
22.42
25
6 (<15)
+6…+11
> 12
56
ZMY24 2%
23.48
24.52
25
7 (<15)
+6…+11
> 12
51
ZMY27 2%
26.48
27.52
25
7 (<15)
+6…+11
> 14
45
ZMY30 2%
29.38
30.62
25
8 (<15)
+6…+11
> 14
41
ZMY33 2%
32.3
33.8
25
8 (<15)
+6…+11
> 17
37
ZMY36 2%
35.2
36.8
10
16 (<40)
+6…+11
> 17
34
ZMY39 2%
38.1
39.9
10
20 (<40)
+6…+11
> 20
32
ZMY43 2%
42.0
44.0
10
24 (<45)
+7…+12
> 20
28
ZMY47 2%
46.0
48.0
10
24 (<45)
+7…+12
> 24
26
ZMY51 2%
49.9
52.1
10
25 (<60)
+7…+12
> 24
24
ZMY56 2%
54.8
57.2
10
25 (<60)
+7…+12
> 28
22
ZMY62 2%
60.7
63.3
10
25 (<80)
+8…+13
> 28
20
ZMY68 2%
66.5
69.5
10
25 (<80)
+8…+13
> 34
18
ZMY75 2%
73.4
76.6
10
30 (<100)
+8…+13
> 34
16
ZMY82 2%
80.3
83.7
10
30 (<100)
+8…+13
> 41
15
ZMY91 2%
89.1
92.9
5
40 (<200)
+9…+13
> 41
14
ZMY100 2%
97.9
102.1
5
60 (<200)
+9…+13
> 50
12
ZMY110 2%
108
112
5
80 (<250)
+9…+13
> 50
12
ZMY120 2%
118
122
5
80 (<250)
+9…+13
> 60
11
ZMY130 2%
127
133
5
90 (<300)
+9…+13
> 60
10
ZMY150 2%
147
153
5
100 (<300)
+9…+13
> 75
8
ZMY160 2%
157
163
2.5
110 (<350)
+9…+13
> 75
8
ZMY180 2%
176
184
2.5
120 (<350)
+9…+13
> 90
7
ZMY200 2%
196
204
2.5
150 (<350)
+9…+13
> 90
6
3
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com