Electronic Components Datasheet Search
  English  ▼

X  

ZMY20 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ZMY20
Description  Surface Mount Silicon-Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMY20 Datasheet(HTML) 1 Page - Diotec Semiconductor

  ZMY20 Datasheet HTML 1Page - Diotec Semiconductor ZMY20 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZMY3B9G ... ZMY9B1G (1.0 W), ZMY10 2% ... ZMY200 2% (1.3 W)
ZMY3B9G ... ZMY9B1G (1.0 W),
ZMY10 2% ... ZMY200 2% (1.3 W)
Surface Mount Silicon-Zener Diodes
Si-Zener-Dioden für die Oberflächenmontage
Version 2010-11-25
ZMY...G planar
ZMY... non-planar
Dimensions - Maße [mm]
ZMY3B9G ... ZMY9B1G
Nominal Z-voltage – Nominale Z-Spannung
3.9...9.1 V
Glass case – Glasgehäuse MELF
DO-213AB
ZMY10 2% ... ZMY200 2%
Nominal Z-voltage – Nominale Z-Spannung
10...200 V
Plastic case – Kunststoffgehäuse MELF
DO-213AB
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~ ±5%) standard.
The devices ZMY3B9G ... ZMY200 2% are specially selected.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~ ±5%). Die Reihe ZMY3B9G ... ZMY200 2% ist eine Sonderselektion.
Maximum ratings and Characteristics
Grenz- und Kennwerte
ZMY3.9G 2% ... ZMY9.1G 2%
Power dissipation – Verlustleistung
TA = 50°C
Ptot
1.0 W 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
TJ
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 150 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 70 K/W
ZMY10 2% ... ZMY200 2%
Power dissipation – Verlustleistung
TA = 50°C
Ptot
1.3 W 1)
Non repetitive peak power dissipation, t < 10 ms
Einmalige Impuls-Verlustleistung, t < 10 ms
TA = 25°C
PZSM
40 W
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
TJ
TS
-50...+150°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 10 K/W
2
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses – Gemessen mit Impulsen
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - ZMY20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMY20 ZETEX-ZMY20 Datasheet
3Mb / 7P
Magnetic Field Sensors
logo
Semtech Corporation
ZMY20 SEMTECH-ZMY20 Datasheet
373Kb / 5P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMY20 GE-ZMY20 Datasheet
205Kb / 5P
ZENER DIODES
logo
GOOD-ARK Electronics
ZMY20 GOOD-ARK-ZMY20 Datasheet
346Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Diotec Semiconductor
ZMY20 DIOTEC-ZMY20 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - ZMY20

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com