Electronic Components Datasheet Search
  English  ▼

X  

HMC263LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC263LP4E
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC263LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC263LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC263LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 7
Evaluation PCB
The circuit board used in the application should use
rf circuit design techniques. signal lines should
have 50 ohm impedance while the package ground
leads and package bottom should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used
to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 123965 [1]
item
Description
J1, J2
pCB mount K Connector
J3 - J5
DC pin
C1, C2
100 pf Capacitor, 0402 pkg.
C3, C4
10 nf Capacitor, 0603 pkg.
C5, C6
4.7 µf Capacitor, Tantalum
U1
HmC263lp4e
pCB [2]
123963 evaluation pCB
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: rogers 4350 or Arlon 25 fr
HMC263LP4E
v01.0709
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com