Electronic Components Datasheet Search
  English  ▼

X  

HMC264 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC264
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC264 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC264 Datasheet HTML 1Page - Hittite Microwave Corporation HMC264 Datasheet HTML 2Page - Hittite Microwave Corporation HMC264 Datasheet HTML 3Page - Hittite Microwave Corporation HMC264 Datasheet HTML 4Page - Hittite Microwave Corporation HMC264 Datasheet HTML 5Page - Hittite Microwave Corporation HMC264 Datasheet HTML 6Page - Hittite Microwave Corporation HMC264 Datasheet HTML 7Page - Hittite Microwave Corporation HMC264 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC264
v02.1007
General Description
Features
Functional Diagram
Integrated LO Amplifier: -4 dBm Input
Sub-Harmonically Pumped (x2) LO
High 2LO/RF Isolation: 40 dB
Small Size: 1.32 x 0.97 x 0.1 mm
Electrical Specifications, T
A = +25° C, As a Function of LO Drive & Vdd
Typical Applications
The HMC264 is ideal for:
• Microwave Point-to-Point Radios
• LMDS
• SATCOM
The HMC264 chip is a
sub-harmonically pumped
(x2) MMIC mixer with an integrated LO amplifier
which can be used as an upconverter or downcon-
verter. The chip utilizes a GaAs PHEMT technology
that results in a small overall chip area of 1.28mm2.
The 2LO to RF isolation is excellent eliminating the
need for additional filtering. The LO amplifier is a
single bias (+3V to +4V) two stage design with only
-4 dBm nominal drive requirement. All data is mea-
sured with the chip in a 50 ohm test fixture connected
via 0.025 mm (1 mil) diameter wire bonds of minimal
length <0.31 mm (<12 mils).
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 20 - 32 GHz
Parameter
IF = 1 GHz
LO = 0 dBm & Vdd = +4V
IF = 1 GHz
LO = -4 dBm & Vdd = +4V
IF = 1 GHz
LO = -4 dBm & Vdd = +3V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF
24 - 32
20 - 30
22 - 29
GHz
Frequency Range, LO
12 - 16
10 - 15
10.5 - 14.5
GHz
Frequency Range, IF
DC - 6
DC - 6
DC - 4
GHz
Conversion Loss
10
13
10
12
9
11
dB
Noise Figure (SSB)
10
13
10
12
9
11
dB
2LO to RF Isolation
29
35
29
40
18
22 ~ 30
dB
2LO to IF Isolation
32
40
29
40 ~ 50
25
30
dB
IP3 (Input)
5
13
5
13
3
10
dBm
1 dB Gain Compression (Input)
+3
+6
-3
0 ~ +4
-5
0 ~ +3
dBm
Supply Current (Idd)
28
50
28
50
25
50
mA


Similar Part No. - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
logo
Micross Components
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC264LC3B HITTITE-HMC264LC3B Datasheet
351Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC264LC3B HITTITE-HMC264LC3B Datasheet
226Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
More results

Similar Description - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC265 HITTITE-HMC265_08 Datasheet
256Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC265 HITTITE-HMC265_09 Datasheet
265Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com