Electronic Components Datasheet Search
  English  ▼

X  

L3G4200D Datasheet(PDF) 32 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 28Page - STMicroelectronics L3G4200D Datasheet HTML 29Page - STMicroelectronics L3G4200D Datasheet HTML 30Page - STMicroelectronics L3G4200D Datasheet HTML 31Page - STMicroelectronics L3G4200D Datasheet HTML 32Page - STMicroelectronics L3G4200D Datasheet HTML 33Page - STMicroelectronics L3G4200D Datasheet HTML 34Page - STMicroelectronics L3G4200D Datasheet HTML 35Page - STMicroelectronics L3G4200D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Register description
L3G4200D
32/42
Doc ID 17116 Rev 3
7.5
CTRL_REG4 (23h)
7.6
CTRL_REG5 (24h)
Table 30.
CTRL_REG4 register
BDU
BLE
FS1
FS0
-
ST1
ST0
SIM
Table 31.
CTRL_REG4 description
BDU
Block Data Update. Default value: 0
(0: continous update; 1: output registers not updated until MSB and LSB
reading)
BLE
Big/Little Endian Data Selection. Default value 0.
(0: Data LSB @ lower address; 1: Data MSB @ lower address)
FS1-FS0
Full Scale selection. Default value: 00
(00: 250 dps; 01: 500 dps; 10: 2000 dps; 11: 2000 dps)
ST1-ST0
Self Test Enable. Default value: 00
(00: Self Test Disabled; Other: See
Table )
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 32.
Self test mode configuration
ST1
ST0
Self test mode
0
0
Normal mode
01
Self test 0 (+)(1)
1.
DST sign (absolute value in
Table 4)
10
--
11
Self test 1 (-)(1)
Table 33.
CTRL_REG5 register
BOOT
FIFO_EN
--
HPen
INT1_Sel1
INT1_Sel0
Out_Sel1
Out_Sel0
Table 34.
CTRL_REG5 description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)
HPen
High Pass filter Enable. Default value: 0
(0: HPF disabled; 1: HPF enabled. See
Figure 20)
INT1_Sel1-
INT1_Sel0
INT1 selection configuration. Default value: 0
(See
Figure 20)
Out_Sel1-
Out_Sel1
Out selection configuration. Default value: 0
(See
Figure 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com