| Electronic Components Datasheet Search |
|
HMC276LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation |
|
|
|||||||||||||||||||||||||||||
HMC276LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation |
|
7 / 8 page ![]() 12 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com 12 - 50 The HMC276LP4 switch can operate as a 4x4 switch by connecting the 4 inputs of two switches directly together. The VL, VH, HL, and HH inputs of the first switch should be connected to the second switch, as illustrated. Mirror image switch performance can be realized by invert- ing the HV1 & HV2 logic control signals of one of the HMC276LP4 switches. The input loading impedance of two switches in parallel should be 31.25 ohms. The output loading impedance on each output should be 75 ohms. The interconnect RF line between the switch’s inputs should be an RF trace with a characteristic impedance of 62.5 ohms. This will allow the switch to remain matched in all possible switch states. The HMC276LP4 does not provide output to output (OP1 to OP2) isolation. For this reason, it is recommended that external amplifiers should be used at each output. The amplifier’s reverse isolation will provide output to output isolation, if this is necessary. Each HMC276LP4 requires DC blocking capacitors on ALL RF input and output ports. Switch Application Circuit for 4x4 Switch Matrix HMC276LP4 / 276LP4E v01.0409 GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |