Electronic Components Datasheet Search
  English  ▼

X  

HMC290 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC290
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC290 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC290 Datasheet HTML 1Page - Hittite Microwave Corporation HMC290 Datasheet HTML 2Page - Hittite Microwave Corporation HMC290 Datasheet HTML 3Page - Hittite Microwave Corporation HMC290 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 37
Absolute Bit Error
vs. Attenuation State
Return Loss RF1, RF2
Insertion Loss
Normalized Attenuation
Note: All Data Typical Over Voltage (+3V to +5V) & Temperature (-40 to +85 deg. C.).
Absolute Bit Error vs. Frequency
Relative Phase vs. Frequency
HMC290 / 290E
2 dB LSB GaAs MMIC 2-BIT DIGITAL
ATTENUATOR, 0.7 - 4.0 GHz
v01.0605
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
-40 C
+85 C
FREQUENCY (GHz)
0
0.25
0.5
0.75
1
24
6
0.9 GHz
2.4 GHz
1.9 GHz
3.5 GHz
ATTENUATION STATE (dB)
-8
-7
-6
-5
-4
-3
-2
-1
0
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
6 dB
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
6 dB
FREQUENCY (GHz)
0
0.25
0.5
0.75
1
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
6 dB
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
2 dB
4 dB
6 dB
FREQUENCY (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com