Electronic Components Datasheet Search
  English  ▼

X  

LM79L05F Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L05F
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L05F Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM79L05F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM79L05F Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 7
-
HTC
LM79L12 (At specified virtual junction temperature, VIN = 19V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-11.5
-12
-12.5
1mA ≤ Io ≤ 40mA
-14.5V ≤ VIN ≤ -27V
-11.4
-12
-12.6
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-11.4
-12
-12.6
V
-14.5V ≤ VIN ≤ -27V
50
250
Line Regulation
ΔVLINE
-16V ≤ VIN ≤ -27V
25℃
40
200
mV
1mA ≤ Io ≤ 100mA
24
100
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
15
50
mV
25℃
6.5
Bias Current
IB
125℃
6
mA
-16V ≤ VIN ≤ -27V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
70
uV
Ripple Rejection
RR
-15V ≤ VIN ≤ -25V,
f=120Hz
25℃
37
42
dB
Dropout Voltage
VD
25℃
1.7
V
LM79L15 (At specified virtual junction temperature, VIN = 23V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-14.4
-15
-15.6
1mA ≤ Io ≤ 40mA
-17.5V ≤ VIN ≤ -30V
-14.25
-15
-15.75
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-14.25
-15
-15.75
V
-17.5V ≤ VIN ≤ -30V
65
300
Line Regulation
ΔVLINE
-27V ≤ VIN ≤ -30V
25℃
58
250
mV
1mA ≤ Io ≤ 100mA
25
150
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
15
75
mV
25℃
4.2
6.5
Bias Current
IB
125℃
6
mA
-20V ≤ VIN ≤ -30V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
82
uV
Ripple Rejection
RR
-18.5V ≤ VIN ≤ -28.5V,
f=120Hz
25℃
37
44
dB
Dropout Voltage
VD
25℃
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com