Electronic Components Datasheet Search
  English  ▼

X  

LM317L Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM317L
Description  ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM317L Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM317L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM317L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM317L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317L
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
Input-output Voltage Differential
Lead Temperature
Power Dissipation
Operating Temperature Range
Storage Temperature Range
ELECTRICAL CHARACTERISTICS
(VI-Vo=5V, Io=40mA, 0℃≤TJ≤125℃, IMAX=100mA, unless otherwise specified)
Characteristic
Min.
Typ.
Max.
Unit
3V≤VI-Vo≤40V
0.01
0.04
%/V
3V≤VI-Vo≤40V
0.02
0.07
%/V
10
25
㎷
0.1
0.5
%/Vo
20
70
㎷
0.3
1.5
%/Vo
Adjustable Pin Current
46
100
㎂
0.2
5
㎂
1.20
1.25
1.30
V
Temperature Stability
0.7
%/Vo
Minimum Load Current to
Maintain Regulation
100
200
㎃
156
400
㎃
RMS Noise, % of VOUT
0.003
0.01
%/Vo
60
㏈
66
75
Long-Term Stability,
TJ=THIGH
* Load and line regulation are specified at constant junction temperature. Change in VD
due to heating effects must be taken into account separately. Pulse testing with low duty is used.
HTC
%
㎃
RR
measurements, 1000HR
Vo=10V, f=120Hz
TA=25℃, for end point
PD≤PMAX
TA=25℃, 10Hz≤f≤10KHz
VI-Vo≤5V, PD≤PMAX
VI-Vo≤40V, PD≤PMAX, TA = 25℃
without CADJ
CADJ=10 ㎌
3V≤VI-Vo≤40V
10㎃≤Io≤IMAX
Vo≤5V
Vo≥5V
Symbol
TA=25℃, 10㎃≤Io≤IMAX
eN
STT
IADJ
10㎃≤Io≤IMAX
Vo≥5V
10㎃≤Io≤IMAX
P≤PMAX
3V≤VIN-VOUT≤40V
Vo≤5V
Value
VI-Vo
Test condition
Internally limited
℃
-65 ∼ +125
V
℃
℃
40
230
Unit
3
TLEAD
PD
TOPR
-
TSTG
0 ∼ +125
Symbol
Characteristic
△Vo
VREF
△IADJ
Reference Voltage
Adjustable Pin Current Cha
Ripple Rejection
L(MIN)
ST
TA=0 ∼ 125℃
VI-Vo=40V
Maximum Output Current
Io(MAX)
Load Regulation
Line Regulation
△Vo
1
0.3
10
3.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com