Electronic Components Datasheet Search
  English  ▼

X  

LM324D Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM324D
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM324D Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM324D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUAD OPERATIONAL AMPLIFIERS
LM324
FEATURES
● Internally frequency compensated for unity gain
● Large DC voltage gain : 100dB
● Wide power supply range : 3V~32V(or±1.5V~15V)
● Input common-mode voltage range includes ground
● Large output voltage swing : 0V DC to VCC-1.5V DC
● Power drain suitable for battery operation
● Moisture Sensitivity Level 3
ORDERING INFORMATION
QUAD OPERATION AMPLIFIERS
LM324 is consists of four independent, high gain, internally frequency compensated operational amplifiers
which were designed specifically to operate from a single power supply over a wide voltage range.
Operation from split power supplies is also possible so long as the difference between the two supplies
is 3 volts to 32 volts voltage.
Application areas include transducer amplifier, DC gain blocks and all the conventional OP amp circuits
which now can be easily implemented in single power supply systems.
EQUIMMENT CIRCUIT
2008 - Ver. 1.0
HTC
Device
Package
LM324D
14 SOP
LM324N
14 DIP
- 1 -
GND
Output 4
Output 1
1
11
1
13
-Input 4
1
+
-
+Input 4
12
4
-
+
4
V+
2
-Input 1
3
+Input 1
8
10
+Input 3
9
2
+
-
3
-
+
7
Output 2
5
+Input 2
6
-Input 2
14
-Input 3
Output 3
V+
6㎂
INPUTS
Q2
-
CC
Q3
Q9
+
Q4
Q8
Q1
100㎂
6㎂
Q10
Q11
Q12
Q5
Q6
OUTPUT
Q7
50㎂
RSC
Q13
SOP 14 / DIP 14 PKG


Similar Part No. - LM324D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324D PHILIPS-LM324D Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324D STMICROELECTRONICS-LM324D Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
ON Semiconductor
LM324D ONSEMI-LM324D Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Texas Instruments
LM324D TI-LM324D Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
HTC Korea TAEJIN Techno...
LM324D HTC-LM324D Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - LM324D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Unisonic Technologies
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2014
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com