Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM358
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM358 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM358 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM358 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM358 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM358 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DUAL OPERATIONAL AMPLIFIERS
LM358
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUIED)
TYPICAL APPLICATIONS
HTC
- 4 -
-
V0
+
VIN
RIN
V+
2
V+
2
4
8
V+
SINGLE SUPPLY INVERTING AMPLIFIER
+
V0
-
VIN
4
8
V+
V+
RF
10K
10K
INPUT BIASING VOLTAGE POLLOWER
+
V0
-
VIN
4
8
V+
V+
10K
10K
NON-INVERTING AMPLIFIER
RI
R
BLOCKS
DC
GAIN
TA-TEMPERATURE(℃)
-55
-15
45
125
30
50
90
INPUT CURRENT
V
+ OR V--POWER SUPPLY VOLTAGE (±V
DC)
0
5
10
15
5
10
15
INPUT VOLTAGE RANGE
f-FREQUENCY(㎐)
0
10
10K
100K
40
80
120
COMMON-MODE REJECTION RATIO
NEGATIVE
POSITIVE
0
10
20
40
60
70
80
-35
5
25
65
85 105
V
+=+30V
DC
V
+=+15V
DC
V
+=+5V
DC
VCM=0VDC
20
60
100
1K
1M
-
+
VIN
7.5VDC
+
V0
+7.5V
DC
100K
100
100
100K
RL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com