Electronic Components Datasheet Search
  English  ▼

X  

LM78L09 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L09
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L09 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM78L09 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM78L09 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Oct. 2010 - Rev. 1.4
- 6
-
HTC
LM78L05C (At specified virtual junction temperature, VIN = 10V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
4.95
5
5.05
1mA ≤ Io ≤ 40mA
7V ≤ VIN ≤ 20V
4.925
5
5.063
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
4.925
5
5.063
V
7V ≤ VIN ≤ 20V
32
150
Line Regulation
ΔVLINE
8V ≤ VIN ≤ 20V
25℃
26
100
mV
1mA ≤ Io ≤ 100mA
15
60
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
8
30
mV
25℃
3.8
6
Bias Current
IB
125℃
5.5
mA
9V ≤ VIN ≤ 20V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
42
uV
Ripple Rejection
RR
8V ≤ VIN ≤ 18V, f=120Hz
25℃
41
49
dB
Dropout Voltage
VD
25℃
1.7
V
LM78L06 (At specified virtual junction temperature, VIN = 11V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
5.75
6
6.25
1mA ≤ Io ≤ 40mA
8V ≤ VIN ≤ 20V
5.7
6
6.3
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
5.7
6
6.3
V
8V ≤ VIN ≤ 20V
35
175
Line Regulation
ΔVLINE
9V ≤ VIN ≤ 20V
25℃
29
125
mV
1mA ≤ Io ≤ 100mA
16
80
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
9
40
mV
25℃
3.9
6
Bias Current
IB
125℃
5.5
mA
9V ≤ VIN ≤ 20V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
46
uV
Ripple Rejection
RR
8V ≤ VIN ≤ 18V, f=120Hz
25℃
40
48
dB
Dropout Voltage
VD
25℃
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com