Electronic Components Datasheet Search
  English  ▼

X  

HMC322LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC322LP4
Description  GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC322LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC322LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
10 - 182
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 7,
12, 14, 16,
18, 21, 23
GND
Package bottom has exposed metal paddle that
must also be connected to PCB RF ground.
2, 4, 6,
13, 15, 17,
19, 22, 24
RF1 - RF8
& RFC
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
8
VEE
Supply Voltage = -5V ± 10%
9
CTLC
See truth table and control voltage table.
10
CTLB
See truth table and control voltage table.
11
CTLA
See truth table and control voltage table.
20
N/C
This pin should be connected to PCB RF
ground to maximize isolation.
Pin Descriptions
HMC322LP4 / 322LP4E
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v05.1205



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com