Electronic Components Datasheet Search
  English  ▼

X  

HMC322LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC322LP4
Description  GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC322LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC322LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 178
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC322LP4 / 322LP4E
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v05.1205
General Description
Features
Functional Diagram
The HMC322LP4 & HMC322LP4E are broadband
non-reflective GaAs MESFET SP8T switches in low
cost leadless surface mount packages. Covering DC
to 8 GHz, this switch offers high isolation and low
insertion loss. This switch also includes an on board
binary decoder circuit which reduces the required
logic control lines to three. The switch operates using
a negative control voltage of 0/-5 volts, and requires
a fixed bias of -5V. This switch is suitable for usage in
50-Ohm or 75-Ohm systems.
Broadband Performance: DC - 8.0 GHz
High Isolation: >30 dB@ 6 GHz
Low Insertion Loss: 2.4 dB@ 6 GHz
Integrated 3:8 TTL Decoder
4x4 mm SMT Package
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
This switch is suitable for usage in DC - 8.0 GHz 50-
Ohm or 75-Ohm systems:
• Broadband
• Fiber Optics
• Switched Filter Banks
• Wireless below 8 GHz
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 4.0 GHz
DC - 8.0 GHz
2.1
2.3
2.5
2.5
2.7
2.9
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
35
30
25
20
40
35
30
25
dB
dB
dB
dB
Return Loss
“On State”
DC - 2.0 GHz
DC - 8.0 GHz
9
6
12
10
dB
dB
Return Loss
“Off State”
DC - 8.0 GHz
7
10
dB
Input Power for 1 dB Compression
0.5 - 8.0 GHz
19
23
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.5 - 8.0 GHz
36
40
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
50
150
ns
ns


Similar Part No. - HMC322LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results

Similar Description - HMC322LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_06 Datasheet
265Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_06 Datasheet
257Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com