Electronic Components Datasheet Search
  English  ▼

X  

LM1086 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1086
Description  1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1086 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1086 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086
BLOCK DIAGRAM
ABSOULTE MAXIMUM RATINS
CHARACTERISTIC
Supply Voltage
Operating Junction Temperature Range
Storage Temperature Range
Thermal Resistance Junction to Case TO-263
Thermal Resistance Junction to Ambient TO-263
Lead Temperature (Soldering) 10 sec.
Maximum Output Current
HTC
- 2 -
Tjc
Imax
1.5
Vin
Topr
Tja
Tsol
A
300
C/W
℃
SYMBOL
Tstg
60
VALUE
3
0 ~ 125
12
C/W
-65~150
UNIT
V
℃
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com