Electronic Components Datasheet Search
  English  ▼

X  

LM1108F Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1108F
Description  300mA CMOS L.D.O. Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108F Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1108F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
300mA CMOS L.D.O. Regulator
LM1108
HTC
- 4 -
EQUATION 2-2:
Table 2-1 shows various values of θJA for the LM1108 versus board copper area.
TABLE 2-1 : THERMAL RESISTANCE GUIDELINES FOR LM1108
Equation 2-1can be used in conjunction with Equation 2-2 to ensure regulator thermal operation is within limits.
For example:
In this example, the LM1108 dissipates a maximum of 260mW; below the allow able limit of 508 mW. In a
similar manner, Equation 2-1 and Equation 2-2 can be used to calculate maximum current and/or input voltage
limits. For example, the maximum allowable V IN, is found by sustituting the maximum allowable power
dissipation of 508 mW into Equation 2-1, from which VINMAX = 4.6V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com