Electronic Components Datasheet Search
  English  ▼

X  

LM1108SF Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM1108SF
Description  300mA CMOS L.D.O. Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108SF Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1108SF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
300mA CMOS L.D.O. Regulator
LM1108
FEATURES
●
Extremely Low Supply Current(50µA,Typ.)
●
Very Low Dropout Voltage
●
300mA Output Current
●
Compatible with MLCC
●
High Output Voltage Accuracy +/- 1.4 %
●
Standardor Custom Output Voltages
●
Over Currentand Over Temperature Protection
●
Small input/output differential : 0.3V for full load
●
Moisture Sensitivity Level 3
APPLICATIONS
●
Battery Operated Systems
●
Portable Computers
●
Portable Cameras and Video Recorders
●
Medical Instruments
●
Instrumentation
ORDERING INFORMATION
●
Cellular/GSM/PHS Phones
●
Linear Post-Regulators for SMPS
●
Pagers
( "X.X" = Output Voltage
= 1.5, 1.8, 2.5, 3.0, 3.3, 3.6, 5.0 )
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
Nov. 2010 - Rev. 1.3.1
HTC
-1 -
Package
SOT-89
SOT-23 5L
Marking
1108 X.X
HXX
BXX
HXX
HGXX
SOT-23 3L
Device
LM1108F-X.X
LM1108SF5-X.X
LM1108BSF-X.X (B type)
LM1108SF-X.X (A type)
LM1108GSF-X.X (H/F)
The LM1108 is a fixed output,high accuracy(typically ±0.5%) CMOS low drop-out regulator.
Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators).
LM1108 key features include ultra low noise operation, very low dropout voltage (typically 240mV at full load),
and fast response to step changes in load.
The LM1108 in corporates both over temperature and over current protection.
The LM1108 is stable with an output capacitor of only1µF and has a maximum out put current of 300mA.
It is available in a SOT-23 & SOT-89 package
SOT-23-5L (SOT-25)
SOT-89
1. GND 2. Vin 3. Vout 4. NC 5. NC
SOT-23 ( 2.92*1.60*1.10 )
1. GND 2. Vin 3. Vout [A type]
1. Vin 2. Vout 3. GND [B type]
1. GND 2. Vin 3. Vout
1
3
2
1
2
3
4
5
1
2
3


Similar Part No. - LM1108SF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108SF HTC-LM1108SF Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
LM1108SF5 HTC-LM1108SF5 Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
More results

Similar Description - LM1108SF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
300mA CMOS LDO Regulator
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
Low Dropout 300mA CMOS Regulator
logo
HTC Korea TAEJIN Techno...
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
600mA CMOS L.D.O. Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
Low Dropout 300mA CMOS Regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com