Electronic Components Datasheet Search
  English  ▼

X  

LM1501AT Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM1501AT
Description  5.0A, 150kHz, Step-down Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501AT Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1501AT Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501AT Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501AT Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501AT Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0A, 150kHz, Step-down Switching Regulator
LM1501A
Mar. 2011 – Ver. 1.3
1
HTC
Absolute Maximum Ratings (TA = 25oC) (Note 1)
Characteristic
Symbol
Value
Unit
Maximum Input Supply Voltage
VI
45
V
ON/OFF Pin Input Voltage
VIN
-0.3
≤ V ≤ +25
V
Feedback Pin Voltage
VFB
-0.3
≤ V ≤ +25
V
Output Voltage to Ground
VO
-1
V
Power Dissipation
PD
Internally limited
W
Storage Temperature Range
Tstg
-65 to +150
oC
Operating Temperature Range
TJ
-40
≤ TJ ≤ +125
oC
ESD Susceptibility (Human Body Model)
VESD
2
kV
Operating Supply Voltage
VIN
4.5 to 45
V
Note 1. Absolute Maximum Rating indicate limits beyond which damage to device may occur. Operating Ratings indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics.
TO-263 PKG
TO-220 PKG
Ordering Information
Device(Marking)
PKG
LM1501AR-X.X
TO-263 5L
LM1501AT-X.X
TO-220 5L
FEATURES
3.3V, 5V, 12V, and adjustable output versions
Adjustable version output voltage range, 1.23V to 37V
± 3% max over line and load conditions
Guaranteed 5A output load current
Input voltage range up to 40V
Requires only 4 external components
150kHz ±15% fixed frequency internal oscillator
Excellent line and Load regulation specifications
Low power standby mode, IQ typically 80uA
Thermal shutdown and current limit protection
APPLICATION
Simple high-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
DESCRIPTION
X.X = Output Voltage = 3.3, 5.0, 12, ADJ
The LM1501A series of regulators are monolithic integrated circuits that provide all the active functions for a
step-down switching regulator, capable of driving a 5A load with excellent line and load regulation. These
devices are available in fixed output voltages of 3.3V, 5V, 12V and an adjustable output version. Requiring a
minimum number of external components, these regulators are simple to use. The LM1501A series operates at
a switching frequency of 150kHz. Available in standard 5-lead TO-263 and TO-220 package.
Other features include a guaranteed ± 3% tolerance on output voltage under specified input voltage and
output load conditions, and ± 15% on the oscillator frequency. External shutdown is included, featuring typically
80uA standby current. Self protection features include a current limit for output switch and an over temperature
shutdown for complete protection under fault conditions. The over temperature shutdown level is about 145℃
with 5℃ hysteresis.


Similar Part No. - LM1501AT

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
5.0A, 300kHz, Step-down Switching Regulator
LM1501BR-12-5L HTC-LM1501BR-12-5L Datasheet
167Kb / 4P
5.0A, 300kHz, Step-down Switching Regulator
More results

Similar Description - LM1501AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
150kHz, 3A Step-Down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
5.0A, 300kHz, Step-down Switching Regulator
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
3.0A, 150kHz, Step-Down Switching Regulator
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
60V / 3A | 150kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com