Electronic Components Datasheet Search
  English  ▼

X  

368LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 368LP4E
Description  SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

368LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  368LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 5-14,
18, 19, 24
N/C
No Connection. These pins may be connected to RF
ground. Performance will not be affected.
3
RFIN
Multiplier Input. AC Coupled.
No external DC blocks required.
2, 4, 15, 17
GND
All ground leads and ground paddle must be soldered
to PCB RF/DC ground.
16
RFOUT
Multiplied Output. AC coupled.
No external DC blocks necessary.
20, 22
Vd2, Vd1
Drain supply voltage 5V ± 0.5V.
21, 23
Vg2, Vg1
Gate supply voltages.
Adjust between -2 Vdc to 0 Vdc
to achieve 75 mA drain current.
SMT GaAs PHEMT MMIC
AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
v03.0705
HMC368LP4 / 368LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com