Electronic Components Datasheet Search
  English  ▼

X  

HMC382LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC382LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC382LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC382LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC382LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 3
Typical Supply Current vs. Vdd1 & Vdd2
Vdd (Vdc)
Idd (mA)
+4.5
67.2
+5.0
67.4
+5.5
67.6
Drain Bias Voltage (Vdd1, Vdd2)
+8.0 Vdc
RF Input Power (RFIN)(Vs = +5.0 Vdc)
+10 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 6.94 mW/°C above 85 °C)
0.451 W
Thermal Resistance
(channel to ground paddle)
144 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC382LP3 / 382LP3E
v01.0610
Recommended Bias Resistor Values
for Various Idd1 & Idd2
Idd1 + Idd2 (mA)
Rbias (Ohms)
60
27
70
16
80
13
100
8.2
120
3.9
GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Gain, Noise Figure & P1dB vs.
Supply Current @ 1900 MHz
12
14
16
18
20
22
24
0.2
0.4
0.6
0.8
1
1.2
1.4
60
70
80
90
100
110
120
GAIN
P1dB
Noise Figure
SUPPLY CURRENT (mA)
P1dB vs. Temperature @ Idd = 67 mA
Output IP3 vs. Temperature Idd = @ 67 mA
Psat vs. Temperature @ Idd = 67 mA
10
12
14
16
18
20
1.7
1.8
1.9
2
2.1
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
22
24
26
28
30
32
34
1.7
1.8
1.9
2
2.1
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
1.7
1.8
1.9
2
2.1
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com