Electronic Components Datasheet Search
  English  ▼

X  

386LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 386LP4E
Description  MMIC VCO w/ BUFFER AMPLIFIER, 2.6 - 2.8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

386LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  386LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 386LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 386LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 386LP4E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 14
MMIC VCO w/ BUFFER
AMPLIFIER, 2.6 - 2.8 GHz
v04.1209
General Description
Features
Functional Diagram
The HMC386LP4 & HMC386LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor
diodes,
and
buffer
amplifiers.
Covering 2.6 to 2.8 GHz, the VCO’s phase noise
performance is excellent over temperature, shock,
vibration and process due to the oscillator’s mono-
lithic structure. Power output is 5 dBm typical from a
single supply of 3V @ 35mA. The voltage controlled
oscillator is packaged in a low cost leadless QFN 4x4
mm surface mount package.
Pout: +5 dBm
Phase Noise: -114 dBc/Hz @100 kHz
No External Resonator Needed
Single Supply: 3V @ 35mA
24 Lead 4x4mm QFN Package: 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• Wireless Infrastructure
• Industrial Controls
• Test Equipment
• Military
Electrical Specifications, T
A = +25 °C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
2.6 - 2.8
GHz
Power Output
25
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune = +5V @ RF Output
-114
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3V)
35
mA
Tune Port Leakage Current
10
μA
Output Return Loss
9dB
Harmonics
2nd
3rd
-5
-15
dBc
dBc
Pulling (into a 2.0:1 VSWR)
3MHz pp
Pushing @ Vtune = +5V
2MHz/V
Frequency Drift Rate
0.3
MHz/°C
HMC386LP4 / 386LP4E


Similar Part No. - 386LP4E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
386 ETC2-386 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Energizer
386 ENERGIZER-386 Datasheet
533Kb / 1P
Silver Oxide Batteries
logo
CML Innovative Technolo...
386 CMLINNOVATIVETECHNOLOGIES-386 Datasheet
238Kb / 1P
Incandescent
Issue 1 : 9Feb18
logo
Premier Farnell Limited...
386-1314 DURATOOL-386-1314 Datasheet
30Kb / 1P
Scalpel (Plastic Handle)
386-1338 DURATOOL-386-1338 Datasheet
30Kb / 1P
Scalpel (Plastic Handle)
More results

Similar Description - 386LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC386LP4 HITTITE-HMC386LP4 Datasheet
236Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.6 - 2.8 GHz
HMC388LP4 HITTITE-HMC388LP4 Datasheet
273Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com