Electronic Components Datasheet Search
  English  ▼

X  

HMC337 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC337
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC337 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC337 Datasheet HTML 1Page - Hittite Microwave Corporation HMC337 Datasheet HTML 2Page - Hittite Microwave Corporation HMC337 Datasheet HTML 3Page - Hittite Microwave Corporation HMC337 Datasheet HTML 4Page - Hittite Microwave Corporation HMC337 Datasheet HTML 5Page - Hittite Microwave Corporation HMC337 Datasheet HTML 6Page - Hittite Microwave Corporation HMC337 Datasheet HTML 7Page - Hittite Microwave Corporation HMC337 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC337
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 17 - 25 GHz
v02.1007
General Description
Features
Functional Diagram
The HMC337 chip is a sub-harmonically pumped
(x2) MMIC mixer with an integrated LO amplifier
which can be used as an upconverter or downcon-
verter. The chip utilizes a GaAs PHEMT technology
that results in a small overall chip area of 1.28mm2.
The 2LO to RF isolation is excellent eliminating the
need for additional filtering. The LO amplifier is a
single bias (+3V to +4V) two stage design with only
-5 dBm nominal drive requirement. All data is mea-
sured with the chip in a 50 ohm test fixture connected
via 0.076 mm (3 mil) ribbon bonds of minimal length
<0.31 mm (<12 mils).
Integrated LO Amplifier: -5 dBm Input
Sub-Harmonically Pumped (x2) LO
High 2LO/RF Isolation: > 25 dB
Die Size: 1.32 x 0.97 x 0.1mm
Electrical Specifications, T
A = +25° C, As a Function of Vdd
Typical Applications
The HMC337 is ideal for:
• 18 and 23 GHz Microwave Radios
• Up and Down Converter for
Point-to-Point Radios
• Satellite Communication Systems
* Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz.
Parameter
IF = 1 GHz
LO = -5 dBm & Vdd = +4V
IF = 1 GHz
LO = -5 dBm & Vdd = +3V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF
17 - 25
18 - 24
GHz
Frequency Range, LO
8.5 - 12.5
9 - 12
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
9
13
9
13
dB
Noise Figure (SSB)
9
13
9
13
dB
2LO to RF Isolation
10
25 - 30
10
25 - 30
dB
2LO to IF Isolation
27
40 - 50
30
40 - 50
dB
IP3 (Input)
3
10
2
9
dBm
1 dB Compression (Input)
-5
0
-6
-1
dBm
Supply Current (Idd)
28
50
25
50
mA


Similar Part No. - HMC337

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC337 HITTITE-HMC337 Datasheet
286Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC337 HITTITE-HMC337 Datasheet
308Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
logo
Micross Components
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
18 and 23 GHz Microwave Radios
logo
Analog Devices
HMC337 AD-HMC337 Datasheet
413Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
logo
Hittite Microwave Corpo...
HMC337 HITTITE-HMC337_07 Datasheet
308Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
More results

Similar Description - HMC337

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC337 HITTITE-HMC337 Datasheet
286Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC337 HITTITE-HMC337_07 Datasheet
308Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC330 HITTITE-HMC330_01 Datasheet
217Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC337 AD-HMC337 Datasheet
413Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC338 AD-HMC338 Datasheet
412Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com