Electronic Components Datasheet Search
  English  ▼

X  

LM4558D Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM4558D
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM4558D Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM4558D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM4558D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM4558D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DUAL OPERATIONAL AMPLIFIERS
LM4558
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
- 3 -
FREQUENCY(㎐)
0
40
140
120
100
80
60
20
FREQUENCY(Hz)
10
OUTPUT CHARACTERISITICS
CURRENT SINKING
0
SOURCE RESISTANCE(Ω)
0
100
1.0k
10M
10
1000
100
10k
10
100k
Figure 1. Burst Noise vs Source Resistance
Figure 2. RMS Noise vs Source Resistance
SOURCE RESISTANCE(Ω)
0
100
1.0k
1M
1.0
100
10
10k
10
100k
Figure 3. Output Noise vs Source Resistance
SOURCE RESISTANCE(Ω)
0
100
1.0k
1M
0.1
10
1.0
10k
10
100k
10
100
1.0K
10k
100k
Figure 4. Spectral Noise Density
Gv =10, Rs=100㏀
FREQUENCY(㎐)
-20
1.0
10
100
1.0k
10K 100K 1M
10M
0
20
40
60
80
100
120
140
Figure 5. Open Loop Frequency Response
FREQUENCY(㎐)
1.0
10
100
1.0k
10K 100K 1M
10M
Figure 6. Phase Margin vs Frequency
20
40
60
80
100
120
140
160
180
UNITY
G
LOAD RESISTANCE (Ω)
1.
7.
5.
3.
9.
1
10
1
1
50 1.0 2.0
10 20
50
100
Figure 7. Positive Output Voltage Swing vs Load Resistance
±15 supplies
±9
±6
±3
±12
LOAD RESISTANCE (Ω)
1.0
7.0
5.0
3.0
9.0
11
100
13
15
500 1.0K2.0K
10k 20k
50k
100k
Figure 7. Negative Output Voltage Swing vs Load Resistance
±15 supplies
±9
±6
±3
±12
100
1.0k 10k
100k 1000k 1M
4
8
12
16
24
20
Figure 9. Power Bandwidth
GV=1000
GV=100
GV=10
GV=1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com