Electronic Components Datasheet Search
  English  ▼

X  

LM39302T Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM39302T
Description  3A Low-Voltage Low-Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39302T Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM39302T Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39302T Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3A Low-Voltage Low-Dropout Regulator
LM39300/39301/39302
Typical Application Circuit
HTC
184
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN) : –20V to +20V
Enable Voltage (VEN) : +20V
Storage Temperature (TS) : –65°C to +150°C
Lead Temperature (soldering, 5 sec) : 260°C
ESD, Note 3
Operating Ratings (Note 2)
Supply Voltage (VIN) : +2.25V to +16V
Enable Voltage (VEN) : +16V
Maximum Power Dissipation (PD(max)) Note 4
Junction Temperature (TJ) : –40°C to +125°C
Package Thermal Resistance
TO-263(θJC) : 5°C/W
TO-220(θJC) : 2°C/W
LM39300
LM39301
LM39302



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com