Electronic Components Datasheet Search
  English  ▼

X  

2SB1283 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SB1283
Description  Darlington Transistor(-7A PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SB1283 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SB1283 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SB1283 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Unit : mm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Case : ITO-220
Darlington Transistor
-7 A PNP
2SB1283
(TP7J10)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼+150
℃
Junction Temperature
Tj
+150
℃
Collector to Base Voltage
V
CBO
-100
V
Collector to Emitter Voltage
V
CEO
-100
V
Emitter to Base Voltage
V
EBO
-7
V
Collector Current DC
I
C
-7
A
Collector Current Peak
I
CP
-10
A
Base Current DC
I
B
-0.5
A
Base Current Peak
I
BP
-1
A
Total Transistor Dissipation
P
T
Tc = 25℃
30
W
Dielectric Strength
Vdis
Terminals to case AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque : 0.3N・m)
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector Cutoff Current
I
CBO
V
CB = -100V
Max -0.1
mA
I
CEO
V
CE = -100V
Max -0.1
Emitter Cutoff Current
I
EBO
V
EB = -7V
Max -5
mA
DC Current Gain
h
FE
V
CE = -3V, I C = -3A
Min 1,500
Max 15,000
Collector to Emitter Saturation Voltage
V
CE(sat)
I
C = -3A
Max -1.5
V
Base to Emitter Saturation Voltage
V
BE(sat)
I
B = -5mA
Max -2.0
V
Thermal Resistance
θjc
Junction to case
Max 4.16
℃/W
Transition Frequency
f
T
V
CE = 10V, I C = 0.7A
TYP 20
MHz
Turn on Time
ton
Max 1
I
C = -3A
Storage Time
ts
I
B1 = IB2 = -5mA
Max 4
μs
R
L = 10Ω
Fall Time
tf
V
BB2 = -4V
Max 2


Similar Part No. - 2SB1283

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB1283 ISC-2SB1283 Datasheet
256Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
More results

Similar Description - 2SB1283

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
PNP Darlington transistor
1999 Apr 13
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
Switching Power Transistor(-7A PNP)
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
Darlington Transistor(7A NPN)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
PNP Darlington Transistor
logo
Rohm
2SAR583D3 ROHM-2SAR583D3 Datasheet
1Mb / 11P
PNP -7A -50V Power Transistor
2SAR583D3FRA ROHM-2SAR583D3FRA Datasheet
1Mb / 9P
PNP -7A -50V Power Transistor
20220315 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com