Electronic Components Datasheet Search
  English  ▼

X  

2SB1284 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SB1284
Description  Darlington Transistor(-10A PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SB1284 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SB1284 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SB1284 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0.1
1
-10
-8
-6
-4
-2
0
2SB1284
IB1 = 0.002IC
IB2 = 0.002IC
VBB2 = −4V
VCC = −30V
Tc = 25
°C
ts
ton
tf
Switching Time - IC
Collector Current IC [A]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com