Electronic Components Datasheet Search
  English  ▼

X  

415LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 415LP3E
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

415LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  415LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 415LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 69
Gain, Power & Quiescent
Supply Current vs. Vpd @ 5.2 GHz
EVM vs. Temperature,
Icc = 240 mA, F = 5.2 GHz
EVM vs. Supply Current,
F = 5.2 GHz
0
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
Icc=160mA
Icc=200mA
Icc=240mA
Icc=280mA
OUTPUT POWER (dBm)
0
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
OUTPUT POWER (dBm)
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
30
50
70
90
110
130
150
170
190
210
230
250
270
290
310
330
1.5
1.75
2
2.25
2.5
2.75
3
Gain
P1dB
Psat
Icc
Vpd (Vdc)
HMC415LP3 / 415LP3E
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v03.0605



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com