Electronic Components Datasheet Search
  English  ▼

X  

2SB1285 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SB1285
Description  Darlington Transistor(-15A PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SB1285 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SB1285 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SB1285 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : MTO-3P
Darlington Transistor
-15A PNP
2SB1285
(T15J10)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~+150
℃
Junction Temperature
Tj
+150
℃
Collector to Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter to Base Voltage
VEBO
-7
V
Collector Current DC
IC
-15A
Collector Current Peak
ICP
-22
A
Base Current DC
IB
-1
A
Base Current Peak
IBP
-2
A
Total Transistor Dissipation
PT
Tc = 25℃
100
W
Mounting Torque
TOR
(Recommended torque : 0.5N・m)
0.8
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector Cutoff Current
ICBO
VCB = -100V
Max -0.1
mA
ICEO
VCE = -100V
Max -0.1
Emitter Cutoff Current
IEBO
VEB = -7V
Max -5
mA
DC Current Gain
hFE
VCE = -3V, IC = -10A
Min 1,500
Max 15,000
Collector to Emitter Saturation Voltage
VCE(sat)
IC = -10A
Max -1.5
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = -20mA
Max -2.0
V
Thermal Resistance
θjc
Junction to case
Max 1.25
℃/W
Transition Frequency
fT
VCE = 10V, IC = -1.5A
TYP 20
MHz
Turn on Time
ton
Max 1
IC = -15A
Storage Time
ts
IB1 = IB2 = -20mA
Max 4
μs
RL = 2Ω
Fall Time
tf
VBB2 = -4V
Max 2


Similar Part No. - 2SB1285

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SB1282 SHINDENGEN-2SB1282 Datasheet
430Kb / 9P
Darlington Transistor(짹 4A PNP)
2SB1283 SHINDENGEN-2SB1283 Datasheet
412Kb / 9P
Darlington Transistor(-7A PNP)
logo
Inchange Semiconductor ...
2SB1283 ISC-2SB1283 Datasheet
256Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
logo
Shindengen Electric Mfg...
2SB1284 SHINDENGEN-2SB1284 Datasheet
429Kb / 9P
Darlington Transistor(-10A PNP)
logo
Inchange Semiconductor ...
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
More results

Similar Description - 2SB1285

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
PNP Darlington transistor
1999 Apr 13
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Shindengen Electric Mfg...
2SB1448 SHINDENGEN-2SB1448 Datasheet
416Kb / 9P
Darlington Transistor(-15A PNP)
2SD1026 SHINDENGEN-2SD1026 Datasheet
429Kb / 8P
Darlington Transistor(15A NPN)
2SD1027 SHINDENGEN-2SD1027 Datasheet
458Kb / 10P
Darlington Transistor(15A NPN)
2SD2196 SHINDENGEN-2SD2196 Datasheet
457Kb / 10P
Darlington Transistor(15A NPN)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
PNP Darlington Transistor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
PNP Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com