Electronic Components Datasheet Search
  English  ▼

X  

TJ49150GD Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # TJ49150GD
Description  1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ49150GD Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ49150GD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TJ49150
July 2011
HTC
9
capacitor is recommended. Larger values will help to improve ripple rejection by bypassing the input to the
regulator, further improving the integrity of the output voltage.
Feed Forward Capacitor
The TJ49150 requires a feed forward capacitor to stabilize output in case of complicated transient load condition.
It also performs a soft-start(SS) function on the output voltage. A 10nF is recommended to support its stability
support function and its higher value will increase the time of SS function.
Maximum Output Current Capability
The TJ49150 can deliver a continuous current of 1.5A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages. A
heat sink may be required depending on the maximum power dissipation and maximum ambient temperature of
application.
With respect to the applied package, the maximum output current of 1.5A may be still
undeliverable due to the restriction of the power dissipation of TJ49150. Under all possible conditions, the
junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by :
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
Where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the total
power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal resistance of
junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = {(VIN X IIN) + (VBIAS X IBIAS)} – (VOUT X IOUT)
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
TJ49150 is available in SOP-8, SOP-8-PP, and TO-252-5L packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow.
If proper cooling solution such as heat sink, copper plane area, air flow is applied, the maximum allowable power
dissipation could be increased. However, if the ambient temperature is increased, the allowable power
dissipation would be decreased.
The θJA could be decreased with respect to the copper plane area. So, the specification of maximum power
dissipation for an application is fixed, the proper copper plane area could be estimated by following graphs.
Wider copper plane area leads lower θJA.
The maximum allowable power dissipation is also influenced by the ambient temperature. With the θJA-Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com