Electronic Components Datasheet Search
  English  ▼

X  

TL431G Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TL431G
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431G Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431G Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TL431G Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 7 -
HTC
TYPICAL OPERATING CHARACTERISTICS
Reference Voltage vs. Ambient Temperature
Pulse Response
Cathode Current vs. Cathode Voltage
Cathode Current vs. Cathode Voltage
Small Signal Voltage Amplification vs. Frequency
0
10
20
30
40
50
60
1k
10k
100k
1000k
10000k
Frequency, f [Hz]
15kΩ
8.25kΩ
232Ω
10µF
Output
IKA
< Fig 4. TEST Circuit for Voltage Amplification >
IKA = 10mA
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com