Electronic Components Datasheet Search
  English  ▼

X  

HMC433 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC433
Description  SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC433 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC433 Datasheet HTML 1Page - Hittite Microwave Corporation HMC433 Datasheet HTML 2Page - Hittite Microwave Corporation HMC433 Datasheet HTML 3Page - Hittite Microwave Corporation HMC433 Datasheet HTML 4Page - Hittite Microwave Corporation HMC433 Datasheet HTML 5Page - Hittite Microwave Corporation HMC433 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 72
HMC433 / 433E
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 8 GHz
General Description
Features
Functional Diagram
The HMC433(E) is a low noise Divide-by-4 Static
Divider utilizing InGaP GaAs HBT technology in ultra
small surface mount SOT26 plastic packages. This
device operates from DC (with a square wave input)
to 8 GHz input frequency with a single +3V DC supply.
Single-ended inputs and outputs reduce component
count and cost. The low additive SSB phase noise of
-150 dBc/Hz at 100 kHz offset helps the user maintain
good system noise performance.
Ultra Low SSB Phase Noise: -150 dBc/Hz
Single-Ended I/O’s
Output Power: -2 to -3.5 dBm
Single DC Supply: +3V @ 53 mA
9 mm2 Ultra Small Package: SOT26
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= +3V
Typical Applications
Prescaler for DC to C Band PLL Applications:
• UNII, Point-to-Point & VSAT Radios
• 802.11a & HiperLAN WLAN
• Fiber Optic
• Cellular / 3G Infrastructure
v04.0410
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
88.5
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
GHz
Input Power Range
Fin= 1 to 6 GHz
Fin= 6 to 8 GHz
-12
-3
+12
+10
dBm
dBm
Output Power
Fin= 4 GHz
Fin= 8 GHz
-5.0
-6.5
-2.0
-3.5
dBm
dBm
Reverse Leakage
RF Output Terminated, Fin= 4 GHz, Pin= 0 dBm
-25
dBm
SSB Phase Noise (100 kHz offset)
Pin= 0 dBm, Fin= 4 GHz
-150
dBc/Hz
Output Transition Time
Pin= 0 dBm, Fout= 882 MHz
120
ps
Supply Current (Icc)
Vcc= +3.0V
53
71
mA
1. Divider will operate down to DC for square-wave input signal.


Similar Part No. - HMC433

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC433 HITTITE-HMC433 Datasheet
309Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
logo
Analog Devices
HMC433 AD-HMC433 Datasheet
353Kb / 6P
Prescaler for DC to C Band PLL Applications
HMC433E AD-HMC433E Datasheet
353Kb / 6P
Prescaler for DC to C Band PLL Applications
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_06 Datasheet
309Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
More results

Similar Description - HMC433

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363S8G HITTITE-HMC363S8G Datasheet
261Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com