Electronic Components Datasheet Search
  English  ▼

X  

HMC441 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC441
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC441 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC441 Datasheet HTML 1Page - Hittite Microwave Corporation HMC441 Datasheet HTML 2Page - Hittite Microwave Corporation HMC441 Datasheet HTML 3Page - Hittite Microwave Corporation HMC441 Datasheet HTML 4Page - Hittite Microwave Corporation HMC441 Datasheet HTML 5Page - Hittite Microwave Corporation HMC441 Datasheet HTML 6Page - Hittite Microwave Corporation HMC441 Datasheet HTML 7Page - Hittite Microwave Corporation HMC441 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
3 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC441
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 6 - 18 GHz
v06.0508
General Description
Features
Functional Diagram
The HMC441 is an efficient GaAs PHEMT MMIC
Medium Power Amplifier which operates between 6
and 18 GHz*. The amplifier provides 15.5 dB of gain,
+22 dBm of saturated power, and 23% PAE from a
+5V supply voltage. An optional gate bias is provided
to allow adjustment of gain, RF output power, and DC
power dissipation. The HMC441 amplifier can easily
be integrated into Multi-Chip-Modules (MCMs) due
to its small size. The backside of the die is both RF
and DC ground, simplifying the assembly process
and reducing performance variation. All data is tested
with the chip in a 50 Ohm test fixture connected via
0.025mm (1 mil) diameter wire bonds of minimal length
0.31mm (12 mils).
Gain: 15.5 dB
Saturated Power: +22 dBm @ 23% PAE
Single Supply Voltage:
+5V w/ Optional Gate Bias
50 Ohm Matched Input/Output
Die Size: 0.94 x 0.94 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd1 = Vdd2 = 5V, Vgg1 = Vgg2 = Open
Typical Applications
The HMC441 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT
• LO Driver for HMC Mixers
• Military EW & ECM
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
7.0 - 8.0
8.0 - 12.5
12.5 - 14.0
14.0 - 15.5
GHz
Gain
13
15.5
14
16.5
13
15.5
12
14.5
dB
Gain Variation Over Temperature
0.015
0.02
0.015
0.02
0.015
0.02
0.015
0.02
dB/ °C
Input Return Loss
10
13
15
14
dB
Output Return Loss
14
17
23
18
dB
Output Power for 1 dB Compression
(P1dB)
15.5
18.5
16
19
17
20
17
20
dBm
Saturated Output Power (Psat)
17
20
18
21
19
22
19
22
dBm
Output Third Order Intercept (IP3)
29
31
32
32
dBm
Noise Figure
5.0
4.5
4.5
4.5
dB
Supply Current (Idd)
90
115
90
115
90
90
115
mA
Vgg1, Vgg2: Optional Gate Bias
*Contact HMC for Electrical Spec Limits for 6-7 & 15.5 - 18 GHz.


Similar Part No. - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
logo
Micross Components
HMC441 MICROSS-HMC441 Datasheet
986Kb / 11P
LO Driver for HMC Mixers
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results

Similar Description - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com