Electronic Components Datasheet Search
  English  ▼

X  

HMC443LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC443LP4
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC443LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC443LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC443LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC443LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC443LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC443LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC443LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 43
Output Power vs.
Temperature @ -10 dBm Drive Level
Output Power vs.
Supply Voltage @ -10 dBm Drive Level
Output Power vs. Drive Level
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
SMT GaAs HBT MMIC x4 ACTIVE
FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
v04.0210
-2
-1
0
1
2
3
4
5
6
7
8
9.6
9.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
+25 C
+85 C
-40 C
OUTPUT FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-2
-1
0
1
2
3
4
5
6
7
8
9.6
9.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
Vcc=4.5V
Vcc=5.0V
Vcc=5.5V
OUTPUT FREQUENCY (GHz)
-16
-14
-12
-10
-8
-6
-4
-2
0
8
9
10
11
12
13
14
15
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-2
-1
0
1
2
3
4
5
6
7
8
9.6
9.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
-20 dBm
-15 dBm
-10 dBm
-5 dBm
0 dBm
+5 dBm
OUTPUT FREQUENCY (GHz)
HMC443LP4 / 443LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com